fg25 a01 ~25a07 weight: 2.24 grams to-220a b type number symbol f eatures low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: to-220ab molded plastic epoxy: ul 94v-0 rate flame retardant terminals: leads solderable per mil-std- 202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260/10 seconds .16?,(4.06mm) from case m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol fg 25 a01 f g 25 a02 f g 25 a03 f g 25 a04 f g 25 a05 f g 25 a06 f g 25 a07 uni ts maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375?(9.5mm) lead length @t c = 100 i (av) 25 .0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 4 00 a maximum instantaneous forward voltage @ 12.5a v f 1.1 v maximum dc reverse current @ t c =25 at rated dc blocking voltage i r 10 ua ua typical junction capacitance ( note 1 ) cj 100 pf typical thermal resistance (note 2) r jc 2.3 c/ w operating and storage temperature range t j ,t stg - 65 to + 175 c notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 volts d.c. 2. thermal resistance from junction to case mounted on heatsink size 2? x 3? x 0.25 ? al-plate description mechanical dimensions
ratings and characteristic cu rves (fg 25 a01g thru fg25a07g) fig.2- maximum non-repetitive forward surge current peak forward surge current. (a) 1 2 5 10 20 100 50 50 0 3 00 20 0 100 400 500 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics instantaneous forward current. (a) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 0.4 0.2 1 4 2 10 20 40 100 200 400 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.4- typical reverse characteristics 0 20 40 60 80 100 120 140 0.1 0.4 0.2 1 4 40 2 10 100 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 fig.5- typical junction capacitance junction capacitance.(pf) 1 0 5 10 50 100 1000 500 20 40 60 100 80 120 reverse voltage. (v) tj=25 c 0 fig.1- maximum forward current derating curve average forward current. (a) 0 50 100 175 8 10 15 20 25 30 case temperature. ( c) o single phase half wave 60hz resistive or inductive load instantaneous reverse current .( a) f g 25 a01 ~25a07
|